Part Number Hot Search : 
561KD10 8201XA ELM304P E4001 9128M00 XXXXXBG UMA70CA YDW20
Product Description
Full Text Search
 

To Download EMVS250ADA330MF46G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
MVS
@4.5mm height @Endurance : 85C 2000 hours @Reflow capability @Solvent-proof type (see PRECAUTIONS AND GUIDELINES) @Pb-free design
downsized MV
4.5mm height, 85C
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -40 to +85C 4 to 50Vdc P20% (M) (at 20C, 120Hz) I=0.01CV or 3MA, whichever is greater. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) 4V 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 0.50 0.30 0.24 0.19 0.16 0.14 0.14 tanE (Max.) (at 20C, 120Hz) 4V 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 4 3 2 2 2 2 7 Z(-25C)/Z(+20C) 15 8 8 4 4 3 3 Z(-40C)/Z(+20C) (at 120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2000 hours at 85C. Rated voltage 4 & 6.3Vdc 10 to 50Vdc Capacitance change [P30% of the initial value [P25% of the initial value DF (tanE) [300% of the initial specified value [300% of the initial specified value Leakage current [The initial specified value [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 85C without voltage applied. Rated voltage 4 & 6.3Vdc 10 to 50Vdc Capacitance change [P30% of the initial value [P25% of the initial value DF (tanE) [300% of the initial specified value [300% of the initial specified value Leakage current [The initial specified value [The initial specified value
Characteristics
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : A
FDP0.5 BP0.2 W P CP0.2
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
?MARKING
EX) 16V47MF
7hS
E MV S AAA A DA AAA M AAA G
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,50V:500) Series code Category
47 16V
0.3max. L+0.1/-0.2
Size code D D46 4 E46 5 F46 6.3 L 4.5 4.5 4.5 A 4.3 5.3 6.6 B 4.3 5.3 6.6
AP0.2
C 5.1 5.9 7.2
W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8
P 1.0 1.4 1.9
Please refer to "A guide to global code (surface mount type)"
?STANDARD RATINGS
WV (Vdc) Cap (mF) 33 47 100 220 22 47 100 33 10 22 47 33 Size code tane Rated ripple current (mArms/ 85c,120Hz) 28 33 56 96 28 45 70 41 23 37 58 52 Part No. WV (Vdc) Cap (mF) 4.7 10 22 0.10 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 Size code tane Rated ripple current (mArms/ 85c,120Hz) 18 29 46 1.0 2.0 2.8 4.0 8.4 13 17 20 33 Part No.
4
6.3 10 16 25
D46 D46 E46 F46 D46 E46 F46 E46 D46 E46 F46 F46
0.50 0.50 0.50 0.50 0.30 0.30 0.30 0.24 0.19 0.19 0.19 0.16
EMVS4R0ADA330MD46G EMVS4R0ADA470MD46G EMVS4R0ADA101ME46G EMVS4R0ADA221MF46G EMVS6R3ADA220MD46G EMVS6R3ADA470ME46G EMVS6R3ADA101MF46G EMVS100ADA330ME46G EMVS160ADA100MD46G EMVS160ADA220ME46G EMVS160ADA470MF46G EMVS250ADA330MF46G
35
50
D46 E46 F46 D46 D46 D46 D46 D46 D46 D46 E46 F46
0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14
EMVS350ADA4R7MD46G EMVS350ADA100ME46G EMVS350ADA220MF46G EMVS500ADAR10MD46G EMVS500ADAR22MD46G EMVS500ADAR33MD46G EMVS500ADAR47MD46G EMVS500ADA1R0MD46G EMVS500ADA2R2MD46G EMVS500ADA3R3MD46G EMVS500ADA4R7ME46G EMVS500ADA100MF46G
(1/1)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EMVS250ADA330MF46G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X